PART |
Description |
Maker |
16270 |
STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 (2.5MM)
|
List of Unclassifed Manufacturers
|
PV18-6R-CY PV18-6R-MY PV18-4R-CY PV18-4R-MY PV18-8 |
22-18 BARREL FUNNELED VINYL INSULATED RING TONGUE, .150(3.81) MAX WIRE INSULATION DIAMETER TERM RING VNYL INS ROHS RoHS Compliant: Yes RING TERMINAL TERM RING VINYL INS RoHS Compliant: Yes RING TERMINAL TERM RING VINYL INS RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):22-18; Stud Size:#8; Insulator Color:Red; Mounting Hole Dia:.17"; Overall Length:0.91"; Overall Width:0.31"; Pack Quantity:1000; Stud/Tab Size:#8 RING TERMINAL
|
PANDUIT CORP. Panduit, Corp.
|
DV10-250 |
FEMALE DISCONNECTS, VINYL INSULATED
|
PANDUIT CORP.
|
1301120113 |
Guard Closed-End no Reflector Yellow Vinyl, 100W
|
Molex Electronics Ltd.
|
L-11-10-P |
11-2S-P thru 13-500-P Ring Tongue, Vinyl Insulated, Butted Seam
|
Analog Devices
|
1301120101 |
100W Guard Open-End with Reflector Yellow Vinyl Coating
|
Molex Electronics Ltd.
|
ICS951411 ICS951411YFLFT ICSXXXXYFLFT ICS951411YGL |
Vinyl Insulated Ring P15 B8 26/SKT/TB/2R/10AVE/90:10 68/MDR/RC/F SKT/BD MT/ST/M2.6/SCW/8MIN
|
Integrated Circuit Systems
|
EF25-K-H-14P-SW |
BOBBIN MATERIAL: PET PIN MATERIAL: CP WIRE UL REC. UL 94V-0 PHOSPHOR BRONZE
|
FERYSTER Inductive Components Manufacturer FERYSTER Inductive Componen...
|
50232-3573 0502323573 |
Ring Tongue Terminal for 10 and 12 AWG, Closed Insulated Vinyl Flared BarrelYellow, Stud Size 10 (M5), Oxygen-Free Copper, Length 26.60mm (1.047), Width7.10mm (.280)
|
Molex Electronics Ltd.
|
50232-3543 0502323543 |
Ring Tongue Terminal for 10 and 12 AWG, Closed Insulated Vinyl Flared BarrelYellow, Stud Size 8 (M4), Oxygen-Free Copper, Length 26.60mm (1.047), Width9.50mm (.374)
|
Molex Electronics Ltd.
|
52271-2279 |
PC Board Connector; No. of Contacts:22; Pitch Spacing:1mm; No. of Rows:1; Mounting Type:PCB SMT; Body Material:PA Polyamide (Nylon) 4/6; Contact Material:Phosphor Bronze; Gender:Receptacle; Series:52271 RoHS Compliant: Yes
|
MOLEX INC
|
53780-1470 |
Wire-to-Board Header; No. of Contacts:14; Pitch Spacing:1.25mm; No. of Rows:1; Gender:Header; Series:53780; Body Material:PPS Polyphenylene Sulfide; Contact Material:Phosphor Bronze; Current Rating:1A; Housing Style:Right-Angle RoHS Compliant: Yes
|
MOLEX INC
|